Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download ITDA180I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ITDA180I series 180w desktop power supply for i.t. equipment C wide input voltage 90 to 264vac, 47 to 63hz C constant output voltage available from 12vdc to 48vdc C over voltage, over current, short circuit, and over temperature protection C high efficiency (over 90%), active power factor correction (pfc) C energy star 2.0, cec level v, and rohs compliance C ul/c - ul, tuv - gs, ce certifications C output connector shield connects back to earth ground. C emc: fcc part 15 class b & en55022 class b 2 year warranty approvals: single output part number output voltage max. output current efficiency (220vac, full load) over voltage protection max. output power ITDA180I - s120si 12 vdc 14.16 a 91.5% 16v 170w ITDA180I - s190si 19 vdc 9.47 a 92.5% 26v 180w ITDA180I - s240si 24 vdc 7.50 a 93.5% 33v 180w ITDA180I - s280si 28 vdc 6.42 a 93.5% 39v 180w ITDA180I - s360si 36 vdc 5.00 a 93.5% 50v 180w ITDA180I - s480si 48 vdc 3.75 a 93.5% 60v 180w electrical characteristics parameter test conditions min. typ. max. unit input voltage operating voltage 90 264 vac input frequency 47 63 hz output power range vin=90 to 264vac 0 180 w input current (low line) io=full load, vin=115vac 2.3 a input current (high line) io=full load, vin=230vac 0.9 a high line inrush current io=full load, 25c, cool start, vin=230vac 50 a power factor correction vin=110vac 99 % efficiency io=full load, vin=230vac 91.5 93.5 % no - load power consumption no load, vin=230vac 0.5 w line regulation io=full load 0.5 % load regulation vin=230vac 5 % over voltage protection latch mode. the power unit shall return to normal operation only after the power is turn - on again. over current protection hiccup mode. self - recovery when fault is removed. 120 140 170 % io over temperature protection 125 c short circuit protection no damage shall occur when any output operating in a short circuit condition. the power supply shall be self - recovery when the fault condition is removed. output overshoot / undershoot when power on or off 10 % start up time io=full load, vin=90vac 2 s hold - up time full load, vin=90~264vac 9 ms rise time 25 ms fall time full load 30 ms ripple & noise (peak to peak) measured by 20 mhz bandwidth oscilloscope and the output paralleled a 0.1 uf ceramic capacitor and a 10 uf electrolytic capacitor. 1.5 % vo conditions parameter test conditions min. typ. max. unit operating temperature humidity: 10% rh to 90% rh 0 +40 c storage temperature humidity: 5% rh to 95% rh - 20 80 c operation temperature at 25c, calculated per mil - hdbk - 217f 0.45m hours
approvals and compliance parameter standards emi en 55022:1998, +a1:2000 +a2:2003, class b, cispr 22:2003, class b, as/nzs cispr 22: 2004, class b ems en61000 - 3 - 2, en61000 - 3 - 3, en61000 - 4 - 2, en61000 - 4.3, , en61000 - 4 - 4, , en61000 - 4 - 5, en61000 - 4 - 6, en61000 - 4 - 8, en61000 - 4 - 1 - 1 safety ul/c - ul, t - mark, ce ul/c - ul60950 - 1, en60950 - 1 environmental compliance rohs mechanical parameter specification dimension, net weight 180x70.5x42mm (7.08x2.78x1.65 inches) weight 595g the output connector shield/foil is connected back to earth ground, and isolated from both +output and output return.


▲Up To Search▲   

 
Price & Availability of ITDA180I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X